Electronic Components Datasheet Search
  English  ▼

X  

AMS2931 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

Part # AMS2931
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

  AMS2931 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2931
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
3 LEAD TO-220 PLASTIC PACKAGE (T)
3 LEAD TO-263 PLASTIC DD (M)
0.330-0.370
0.050
(8.382-9.398)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.013-0.023
(0.330-0.584)
T (TO-220) AMS DRW# 042193
0.147-0.155
(3.734-3.937)
DIA
0.230-0.270
(5.842-6.858)
0.460-0.500
(11.684-12.700)
0.570-0.620
(14.478-15.748)
0.218-0.252
(5.537-6.401)
0.520-0.570
(13.208-14.478)
0.980-1.070
(24.892-27.178)
0.028-0.038
(0.711-0.965)
0.330-0.370
0.032
0.060
(1.524)
TYP
(8.382-9.398)
(5.05-5.54 )
0.090-0.110
(2.286-2.794)
0.199-0.218
(0.81)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.90-0.110
(2.29-2.79)
0.013-0.023
(0.330-0.584)
0.108
(2.74)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD3) AMS DRW# 042191R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com