Electronic Components Datasheet Search
  English  ▼

X  

GLC75E Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC75E
Description  75 Watt Multiple Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC75E Datasheet(HTML) 2 Page - SL Power Electronics

  GLC75E Datasheet HTML 1Page - SL Power Electronics GLC75E Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
A. Rating with unrestricted convection cooling. Total power not to exceed 75 W.
B. Rating with 26 cfm forced-air cooling. Total power not to exceed 110 W.
C. Floating fourth output can be referenced as either positive or negative. Connect pin 12 to Return to provide a positive voltage at Pin 13. Connect pin 13 to Return to
provide a negative voltage at Pin 12.
D. To maintain these regulations conditions, the +5V current must be at least 1/5 of V2 and not greater than 5 times the V2 current. Requires +5V to be adjusted to within
1% with at least a 1 A load to maintain regulation on this output.
SL Power Electronics, Inc., 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com Rev. 9-23-10.
Data Sheet © 2010 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50°
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GLC75/GLM75 - MULTIPLE OUTPUT - MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power. Derate output current and total
output power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
Commercial
Model
Medical
Model
RoHS
Suffix*
Output
No.
Output
Output
Minimum
Output
Maximum (A)
Output
Maximum (B)
Output
Peak
V1 OVP Set
Noise P-P
Regulation
GLC75A
GLM75A
G
1
2
3
4
+5.1 V
+12 V
-12 V
+12 V
1 A
0.5 A
0 A
0 A
8 A
2.5 A
1 A
2.5 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
120 mV
120 mV
120 mV
2%
+10%,-5% (D)
3%
2%
GLC75B
GLM75B
G
1
2
3
4
+5.1 V
+12 V
-5 V
+12 V
1 A
0.5 A
0 A
0 A
8 A
2.5 A
1 A
2.5 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
120 mV
50 mV
120 mV
2%
+10%,-5% (D)
3%
2%
GLC75C
GLM75C
G
1
2
3
4
+5.1 V
+12 V
-15 V
+15 V
1 A
0.5 A
0 A
0 A
8 A
2.5 A
1 A
2.5 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
120 mV
150 mV
150 mV
2%
+10%,-5% (D)
3%
2%
GLC75D
GLM75D
G
1
2
3
4
+5.1 V
+24 V
-12 V
+12 V
1 A
0.5 A
0 A
0 A
8 A
2.5 A
1 A
2.5 A
10 A
2.5 A
1 A
3 A
12 A
3.5 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
240 mv
120 mV
120 mV
2%
+10%,-5% (D)
3%
2%
GLC75E
GLM75E
G
1
2
3
4
+5.1 V
+24 V
-15 V
+15 V
1 A
0.5 A
0 A
0 A
8 A
2.5 A
1 A
2.5 A
10 A
2.5 A
1 A
3 A
12 A
3.5 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
240 mV
150 mV
150 mV
2%
+10%,-5% (D)
3%
2%
GLC75F
GLM75F
G
1
2
3
4
+5.1 V
+15 V
-5 V
-15 V
1 A
0.5 A
0
0
8 A
2.5 A
1 A
2.5 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
150 mV
50 mV
150 mV
2%
+10%,-5% (D)
3%
2%
GLC75H
GLM75H
G
1
2
3
4
+5.1 V
+15 V
-15 V
+15 V
1A
0.5 A
0
0
8 A
2.5 A
1 A
2.5 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
150 mV
150 mV
150 mV
2%
+10%,-5% (D)
3%
2%
GLC75J
GLM75J
G
1
2
3
4(C)
+5.1 V
+12 V
-12 V
5 V
1 A
0.5 A
0
0
8 A
2.5 A
1 A
2.0 A
10 A
3 A
1 A
3 A
12 A
4 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
120 mV
120 mV
50 mV
2%
+10%,-5% (D)
3%
2%
GLC75P
GLM75P
G
1
2
3
4
+5.1 V
+24 V
-12 V
+12 V
1 A
0.5 A
0 A
0 A
8 A
4 A
1 A
2.5 A
10 A
4 A
1 A
3 A
12 A
4.5 A
1.2 A
4 A
6.2 ± 0.6 V
50 mV
240 mv
120 mV
120 mV
2%
+10%,-5% (D)
3%
2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com