Electronic Components Datasheet Search
  English  ▼

X  

AMS2954 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2954
Description  250mA LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2954 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2954 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2954 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2954
Note 8: The junction-to-ambient thermal resistance are as follows:60
°C/W for the TO-220 (T), 73°C/W for the TO-263 (M), 80°C/W for the TO-252 (D),
90
°C/W for the SOT-223 (with package soldering to copper area over backside ground plane or internal power plane ϕ
JA can vary from 46
°C/W to >90°C/W
depending on mounting technique and the size of the copper area), 105
°C/W for the molded plastic DIP (P) and 160°C/W for the molded plastic SO-8 (S).
Note 9: May exceed input supply voltage.
Note 10: When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the output voltage should be diode-clamped to
ground.
Note 11: Vshutdown
≥ 2V, V
in
≤ 30V, V
out =0, Feedback pin tied to 5VTAP.
Note 12: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 13: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 50mA load pulse at VIN =30V (1.25W pulse) for T =10 ms.
Note 14: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects
are covered under the specification for thermal regulation.
Note 15: Line regulation for the AMS2954 is tested at 150
°C for I
L = 1 mA. For IL = 100
µA and T
J = 125
°C, line regulation is guaranteed by design to 0.2%.
See typical performance characteristics for line regulation versus temperature and load current.
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
AMS2954-XX
3 Lead Packages
AMS2954-XX
8 Lead Packages
INPUT
OUTPUT
GROUND
ERROR
AMPLIFIER
1.23V
REFERENCE
UNREGULATED DC
V
OUT
I
L≤ 150mA
SEE APPLICATION
HINTS
+
+
+
+
-
INPUT
OUTPUT
GROUND
ERROR
AMPLIFIER
1.23V
REFERENCE
UNREGULATED DC
V
OUT
I
L≤ 150mA
SEE APPLICATION
HINTS
+
+
+
+
-
FEED-
BACK
SHUT-
DOWN
SENSE
V
TAP
ERROR
TO CMOS
OR TTL
+
-
+
330k
Ω
4
5
6
2
1
8
7
3
FROM
CMOS
OR TTL
50mV
ERROR DETECTION COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com