Electronic Components Datasheet Search
  English  ▼

X  

PE9303 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9303
Description  SMC Plug to SMC Jack Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9303 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9303 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9303 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9303 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug to SMC Jack Right Angle Adapter
Configuration
Connector 1
SMC Plug
Impedance 1
50 Ohms
Connector 2
SMC Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.56 [14.22]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.54 [13.72]
.
Connector 1
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Plug to SMC Jack Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to SMC Jack Right Angle Adapter PE9303
PE9303
PE9303 REV


Similar Part No. - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
211Kb / 9P
1.5 - 3.5 GHz Low Power UltraCMOS
PE9303-EK PEREGRINE-PE9303-EK Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
More results

Similar Description - PE9303

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9282 PASTERNACK-PE9282 Datasheet
239Kb / 2P
SMC Jack to SMB Plug Adapter
PE9284 PASTERNACK-PE9284 Datasheet
240Kb / 3P
SMC Plug to SMB Jack Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com