Electronic Components Datasheet Search
  English  ▼

X  

MW128 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW128
Description  MEDICAL 13-32 WATT SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW128 Datasheet(HTML) 2 Page - SL Power Electronics

  MW128 Datasheet HTML 1Page - SL Power Electronics MW128 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Inlet type: IEC320-C14, C18, C8
Plug type: NA, EURO, UK, SAA
Specify the Input Configuration Code in your order.
Connector
Input Configuration
MW128
MEDICAL 13-32 WATT SERIES
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-240 VAC +/-10%
Line Frequency
47 - 63 Hz
Current
TBD max at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting
Output
Combined Line and Load
±1% excluding cord
Voltage Regulation
Ripple
1% V p-p max for output current
of >0.175A
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
18 msec min. @ 120VAC,
Protection
Foldback overcurrent protection
Short circuit protection
Cord and Connector
6 ft, 2 conductor, 18 AWG,
Ault #3 connector. Other connectors
are also available.
Safety Approvals
Agency Listings
cURus2601, TUV/IEC EN60601-1
Electrical
Topology
Switching-fixed frequency flyback
Leakage Current
Less than 500 uA
(ground)
Minimum 75%
Efficiency
TBD Minimum
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 Calculated Hours Minimum
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
3.74L x 2.13W x 1.26H (in)
95.0L x 54.0W x 32.0H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
7 ounces, 198 grams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com