Electronic Components Datasheet Search
  English  ▼

X  

MW136 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW136
Description  MEDICAL 60 WATT SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW136 Datasheet(HTML) 2 Page - SL Power Electronics

  MW136 Datasheet HTML 1Page - SL Power Electronics MW136 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2005 Ault Inc.
Specify the Input Configuration Code in your order.
Connector
Input Configuration
MW136
MEDICAL 60 W ATT SERIES
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47-63 Hz
Current
1.0 Amp max. at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting, Thermal shutdown
Output
Combined Line and Load
±1% (excluding cord)
Voltage Regulation
Ripple
See table
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
18 msec min. @ 120 VAC
80 msec min. @ 240 VAC
Protection
Overcurrent protection,
Short circuit Protection
Cord and Connectors
6 ft., 2 conductor, 18 AWG,
#3 connector
Safety Approvals
Agency Listings
CURus, UL2601, CSA60601, TUV EN60601
Electrical
Topology
Switching-fixed frequency flyback
Dielectric Withstand
3000VAC, 4242 VDC primary-secondary
1500 VAC, 2121 VDC primary-GND
Spacing
6.4mm primary-secondary
Efficiency
Up to 85%
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 Calculated Hours Minimum
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional-non vented case
Mechanical
Case and Dimensions
All Models
3.92L x 2.58W x 1.61H (in)
100L x 66W x 41H (mm)
Case Material
Black 94V0 Polycarbonate
Weight
Max. 10 ounces, 285 grams
(excluding cord)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com