Electronic Components Datasheet Search
  English  ▼

X  

MW152 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW152
Description  Medical / Switch Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW152 Datasheet(HTML) 2 Page - SL Power Electronics

  MW152 Datasheet HTML 1Page - SL Power Electronics MW152 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MW152
Universal 50 Watt Series
Medical / Switch Mode Power Supply
SL Power Electronics Corp • 6050 King Drive • Ventura CA, 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2006SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/22/06
For the most current data and application support visit www.slpower.com
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
MW152KA05XX*
5V
0.00A
6.00A
30.0W
50mV
MW152KA09XX*
9V
0.00A
5.00A
45.0W
90mV
MW152KA12XX
12V
0.00A
4.20A
50.4W
120mV
MW152KA15XX
15V
0.00A
3.33A
50.0W
150mV
MW152KA18XX
18V
0.00A
2.80A
50.4W
180mV
MW152KA24XX
24V
0.00A
2.00A
48.0W
240mV
Output Currents
MW152
K
A
05
XX
Product
Manufacturing
Design
Voltage
Connector
Family
Location
Revision
DC
Number
Name
Changes
Ault Part Number Key
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder
Pin Connections
*Does not meet Energy Star requirements
PowerSuppliesthataresinglevoltageexternalACtoDCandACtoAC
includedwithotherretailproductsandsinglevoltageexternalACtoDC
orACtoACpowersuppliessoldseparately;andconsumeraudioandvideo
equipment,whichincludescompactaudioproducts,DVDplayersand
recordersaswellastelevisionadapters.(Pleaserefertothereversesideof
datasheetforspecificationsandmarkingprotocol.)
Energy-EfficiencyCriteriaforActiveMode
TobeeligibleforENERGYSTARqualification,anexternalpowersupply
mustmeetorexceedaminimumefficiencyforActiveMode,whichvaries
basedonthemodel’snameplateoutputpower.Thetablebelowoutlines
theequationsfordeterminingminimumaverageefficiency.
NameplateOutputPower
MinimumAverageEfficiencyinActiveMode
0to≤1watt
≥0.49*Pno
>1to≤49watts
≥[0.09*Ln(NameplateOutput)]+0.49
>49watts
≥0.84
EnergyConsumptionCriteriaforNoLoad
ThesecondhalfoftheENERGYSTARspecificationistheNo-Loadpower
requirement,whichspecifiesthemaximumACpowerthatmaybeusedby
aqualifyingexternalpowersupplyintheNo-Loadcondition.Maximum
powerconsumptionlevelsforNo-LoadModeareprovidedbelow.
NameplateOutputPower
MaximumPowerinNo-Load
0to<10watts
≤0.5watts
≥10to≤250watts
≤0.75watts
Energy Star Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com