Electronic Components Datasheet Search
  English  ▼

X  

PE9312 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9312
Description  SMA Female to SMA Female 4 Hole Flange Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9312 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9312 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9312 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9312 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SMA Female 4 Hole Flange Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.5 [12.7]
Height, in [mm]
0.5 [12.7]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to SMA Female 4 Hole Flange Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female 4 Hole Flange Adapter PE9312
PE9312
PE9312 REV


Similar Part No. - PE9312

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312-EK PEREGRINE-PE9312-EK Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
More results

Similar Description - PE9312

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9434 PASTERNACK-PE9434 Datasheet
249Kb / 2P
Precision SMA Female to N Female 4 Hole Flange Adapter
PE91269 PASTERNACK-PE91269 Datasheet
349Kb / 3P
4 Hole Flange Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE9276 PASTERNACK-PE9276 Datasheet
349Kb / 3P
SMA Female to TNC Female 4 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-F-G LINX-ADP-SMAF-SMAF-F-G Datasheet
137Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, FLANGE MOUNT
logo
Amphenol SV Microwave
1129-6280 SVMICROWAVE-1129-6280 Datasheet
515Kb / 1P
SMA FEMALE TO SMA FEMALE 2 HOLE FLANGE ADAPTER
05/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com