Electronic Components Datasheet Search
  English  ▼

X  

PE9316 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9316
Description  N Female to SMB Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9316 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9316 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9316 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9316 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to SMB Plug Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
SMB Plug
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.375 [34.93]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
SMB Plug
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female to SMB Plug Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to SMB Plug Adapter PE9316
PE9316
PE9316 REV


Similar Part No. - PE9316

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311-EK PEREGRINE-PE9311-EK Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results

Similar Description - PE9316

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9137 PASTERNACK-PE9137 Datasheet
249Kb / 3P
SMB Plug to BNC Female Adapter
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
Bulkhead SMB Plug to BNC Female Adapter
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9314 PASTERNACK-PE9314 Datasheet
248Kb / 2P
N Male to SMB Plug Adapter
PE9315 PASTERNACK-PE9315 Datasheet
246Kb / 2P
N Female to SMB Jack Adapter
PE9583 PASTERNACK-PE9583 Datasheet
251Kb / 2P
75 Ohm N Female to SMB Jack Adapter
PE9585 PASTERNACK-PE9585 Datasheet
252Kb / 2P
75 Ohm N Female to SMB Plug Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com