Electronic Components Datasheet Search
  English  ▼

X  

PE9317 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9317
Description  N Male to SMC Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9317 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9317 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9317 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to SMC Jack Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
SMC Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.278 [32.46]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-smc-jack-straight-adapter-pe9317-p.aspx
N Male to SMC Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
N Male to SMC Jack Adapter
PE9317
PE9317 REV


Similar Part No. - PE9317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311-EK PEREGRINE-PE9311-EK Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results

Similar Description - PE9317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
N Male to SMC Plug Adapter
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
75 Ohm N Male to SMC Jack Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9226 PASTERNACK-PE9226 Datasheet
243Kb / 2P
TNC Male to SMC Jack Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
SMC Jack to SMC Jack Bulkhead Mount Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com