Electronic Components Datasheet Search
  English  ▼

X  

AMS4041 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS4041
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4041 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS4041 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4041 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4041 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4041 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4041 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4041 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS4041
Monolithic
MICROPOWER SHUNT VOLTAGE REFERENCE
Systems
FEATURES
APPLICATIONS
•• Tight Output Voltage Tolerance
•• Battery Powered Systems
•• Low Output Noise
•• Instrumentation
•• Operating Current 60µµA to 100mA
•• Energy Management
•• Low Dynamic Impedance
•• Automotive
•• Low Temperature Coefficient
•• Precision Audio Components
•• Available in the sub-miniature SOT-23 Package
•• Product Testing
•• 2.5V Device ( AMS4040) also available
•• Data Acquisition Systems
GENERAL DESCRIPTION
The AMS4041 is a two-terminal micropower band-gap voltage reference diode featuring a very low dynamic impedance and
good temperature coefficient, operating over a 60µA to 100mA current range. On-chip trimming is used to provide tight
voltage tolerance. Since the AMS4041 band-gap reference uses only transistors and resistors, low noise and good long term
stability result. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The
extremely low power drain of the AMS4041 makes these reference diodes useful for micropower circuitry. These voltage
references can be used to make portable meters, regulators or general purpose analog circuitry with battery life approaching
shelf life.
The AMS4041 is operational in the full industrial temperature range of -40
°C to 85°and is available in small space saving
TO-92, SO-8, SOT-89 and SOT-23 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
3 LEAD SOT-23
TEMP. RANGE
±0.25%
AMS4041AN
AMS4041AS
AMS4041AL
AMS4041AM
-40 to +85
° C
±0.5%
AMS4041BN
AMS4041BS
AMS4041BL
AMS4041BM
-40 to +85
° C
±1.0%
AMS4041CN
AMS4041CS
AMS4041CL
AMS4041CM
-40 to +85
° C
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
3L SOT-23
Plastic Package (N)
SO Package (S)
(L)
(M)
1
2
3
-
+
N/C
N/C
N/C
N/C
N/C
N/C
N/C
+
-
1
2
8
4
3
7
5
6
1
2
3
+
-
3 *
2
1
*This pin must be left floating
or connected to pin 2
Bottom View
Top View
Top View
Top View


Similar Part No. - AMS4041

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041A ADMOS-AMS4041A Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041AL ADMOS-AMS4041AL Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041AM ADMOS-AMS4041AM Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041AN ADMOS-AMS4041AN Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMS4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com