Electronic Components Datasheet Search
  English  ▼

X  

C1313 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C1313
Description  CONTROL CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1313 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C1313 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C1313
Date:
11/14/2007
Revision Level:
3
8C 20 AWG 26/34 TC RUBBER OAS RUBBER
CONTROL CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Braid
Tape:
#20 AWG 26/34 Tinned Copper
0.020" Wall Rubber
0.035" Wall Rubber - Black
0.038" nom.
CAROL (R) C-1313A MADE IN USA
8 conductors @ 3.00" LHL with jute fillers & mylar
0.290" nom.
0.080" nom.
0.385" +/- 0.019"
wrap.
#36 AWG Tinned Copper
80% min. coverage
0.310" nom.
Cotton Separator
0.320" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
60 C
300Vrms
11.3 Ohms/1000 ft nom
NONE
1
2
3
4
5
6
7
8
Black
White
Red
Green
Blue
Brown
Yellow
Orange
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C1313

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1310 VECTRON-C1310 Datasheet
217Kb / 7P
Typical Applications
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
logo
General Cable Technolog...
C1310 GENERAL-C1310 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Sumida Corporation
C13100 SUMIDA-C13100 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Ledil, Inc.
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
Lena Reflector
More results

Similar Description - C1313

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1208 GENERAL-C1208 Datasheet
73Kb / 1P
CONTROL CABLE
C1210 GENERAL-C1210 Datasheet
73Kb / 1P
CONTROL CABLE
C1212 GENERAL-C1212 Datasheet
74Kb / 1P
CONTROL CABLE
C1304 GENERAL-C1304 Datasheet
73Kb / 1P
CONTROL CABLE
C1310 GENERAL-C1310 Datasheet
73Kb / 1P
CONTROL CABLE
C1602 GENERAL-C1602 Datasheet
73Kb / 1P
CONTROL CABLE
C1603 GENERAL-C1603 Datasheet
73Kb / 1P
CONTROL CABLE
C1608 GENERAL-C1608 Datasheet
73Kb / 1P
CONTROL CABLE
C1612 GENERAL-C1612 Datasheet
73Kb / 1P
CONTROL CABLE
C1648A GENERAL-C1648A Datasheet
74Kb / 1P
CONTROL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com