Electronic Components Datasheet Search
  English  ▼

X  

C1321 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C1321
Description  TEST LEAD WIRE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1321 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C1321 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C1321
Date:
7/10/2007
Revision Level:
2
1C 18 AWG 65/36 TC RUBBER
TEST LEAD WIRE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Print Legend:
#18 AWG 65/36 Tinned Copper
0.045" Wall Rubber
0.050" nom
NONE
0.140" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
60 C
5000Vrms
None
1
Contact Customer Service for Colors
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C1321

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1321 GENERAL-C1321 Datasheet
58Kb / 1P
Rubber/PVC/Polyethylene
More results

Similar Description - C1321

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4408 POMONA-4408 Datasheet
27Kb / 1P
Test Lead Holder
6733 POMONA-6733 Datasheet
31Kb / 1P
Test Lead Wire with Silicone or PVC Insulation
73087 POMONA-73087 Datasheet
109Kb / 2P
Jumper Test Lead Set
logo
CAMBION Electronic Comp...
445-8600 CAMBION-445-8600 Datasheet
25Kb / 1P
Connectaball Test Lead
445-8601 CAMBION-445-8601 Datasheet
26Kb / 1P
Connectaball Test Lead
logo
General Cable Technolog...
C1318 GENERAL-C1318 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1319 GENERAL-C1319 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1326 GENERAL-C1326 Datasheet
72Kb / 1P
TEST LEAD WIRE
logo
Extech Instruments Corp...
TL744 EXTECH-TL744 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
Professional Test Lead Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com