Electronic Components Datasheet Search
  English  ▼

X  

PE9330 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9330
Description  Precision 3.5mm Male to 3.5mm Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9330 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9330 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9330 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9330 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 3.5mm Male to 3.5mm Male Adapter
Configuration
Connector 1
3.5mm Male
Impedance 1
50 Ohms
Connector 2
3.5mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 34.5
Maximum VSWR
1.25:1
Maximum Insertion Loss, dB
0.29
Mechanical Specifications
Size
Length, in [mm]
0.79 [20.07]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
3.5mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
Rexolite
Connector 2
Type
3.5mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
Rexolite
Precision 3.5mm Male to 3.5mm Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 3.5mm Male to 3.5mm Male Adapter PE9330
PE9330
PE9330 REV


Similar Part No. - PE9330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
More results

Similar Description - PE9330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
Precision 3.5mm Male to 2.92mm Male Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9679 PASTERNACK-PE9679 Datasheet
244Kb / 2P
Precision 3.5mm Male to 3.5mm Male Bulkhead Adapter
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com