Electronic Components Datasheet Search
  English  ▼

X  

PE9335 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9335
Description  MHV Male to SHV Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9335 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9335 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9335 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male to SHV Jack Adapter
Configuration
Connector 1
MHV Male
Impedance 1
50 Ohms
Connector 2
SHV Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.65 [41.91]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
MHV Male
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SHV Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-shv-jack-straight-adapter-pe9335-p.aspx
MHV Male to SHV Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MHV Male to SHV Jack Adapter
PE9335
PE9335 REV


Similar Part No. - PE9335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
More results

Similar Description - PE9335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
MHV Female to SHV Plug Adapter
PE9266 PASTERNACK-PE9266 Datasheet
237Kb / 2P
MHV Male to MHV Female Right Angle Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
PE9337 PASTERNACK-PE9337 Datasheet
248Kb / 3P
SHV Jack to SHV Jack Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE9340 PASTERNACK-PE9340 Datasheet
244Kb / 2P
MHV Male to SHV Plug Adapter
PE9749 PASTERNACK-PE9749 Datasheet
239Kb / 2P
SHV Plug to SHV Jack Adapter
PE34407 PASTERNACK-PE34407 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG225/U MHV MALE TO SHV PLUG
PE33984 PASTERNACK-PE33984 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com