Electronic Components Datasheet Search
  English  ▼

X  

PE9339 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9339
Description  MHV Female to SHV Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9339 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9339 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9339 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Female to SHV Jack Adapter
Configuration
Connector 1
MHV Female
Impedance 1
50 Ohms
Connector 2
SHV Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.59 [40.39]
Width/Dia., in [mm]
0.44 [11.18]
.
Connector 1
Type
MHV Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Connector 2
Type
SHV Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-female-shv-jack-straight-adapter-pe9339-p.aspx
MHV Female to SHV Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MHV Female to SHV Jack Adapter
PE9339
PE9339 REV


Similar Part No. - PE9339

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
More results

Similar Description - PE9339

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
MHV Female to SHV Plug Adapter
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
MHV Female to MHV Female Adapter
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
PE9337 PASTERNACK-PE9337 Datasheet
248Kb / 3P
SHV Jack to SHV Jack Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9340 PASTERNACK-PE9340 Datasheet
244Kb / 2P
MHV Male to SHV Plug Adapter
PE9749 PASTERNACK-PE9749 Datasheet
239Kb / 2P
SHV Plug to SHV Jack Adapter
logo
Huber+Suhner, Inc.
31_SHV-50-0-1133_N HUBERSUHNER-31_SHV-50-0-1133_N Datasheet
493Kb / 2P
COAXIAL ADAPTER, SHV, 50 Ohm, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com