Electronic Components Datasheet Search
  English  ▼

X  

PE9342 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9342
Description  Mini UHF Male to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9342 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9342 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9342 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Male to BNC Female Adapter
Configuration
Connector 1
Mini UHF Male
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.177 [29.9]
Width/Dia., in [mm]
0.452 [11.48]
.
Connector 1
Type
Mini UHF Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-uhf-male-bnc-female-straight-adapter-pe9342-p.aspx
Mini UHF Male to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Mini UHF Male to BNC Female Adapter
PE9342
PE9342 REV


Similar Part No. - PE9342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9340 PASTERNACK-PE9340 Datasheet
244Kb / 2P
MHV Male to SHV Plug Adapter
PE9341 PASTERNACK-PE9341 Datasheet
104Kb / 1P
MINI UHF FEMALE TO BNC MALE
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
logo
Pletronics, Inc.
PE9344DEV PLETRONICS-PE9344DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9342

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
3287 POMONA-3287 Datasheet
19Kb / 1P
Adapter UHF (Female) To BNC (Male)
logo
Pasternack Enterprises,...
PE9004 PASTERNACK-PE9004 Datasheet
235Kb / 2P
UHF Male to BNC Female Adapter
PE9341 PASTERNACK-PE9341 Datasheet
104Kb / 1P
MINI UHF FEMALE TO BNC MALE
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9347 PASTERNACK-PE9347 Datasheet
243Kb / 2P
Mini UHF Male to Mini UHF Female Right Angle Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
UHF Male to BNC Female Adapter
PE91329 PASTERNACK-PE91329 Datasheet
403Kb / 5P
UHF Female to BNC Male Adapter
PE91447 PASTERNACK-PE91447 Datasheet
623Kb / 3P
UHF Female to Mini UHF Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com