Electronic Components Datasheet Search
  English  ▼

X  

PE9345 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9345
Description  TNC Male to Mini UHF Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9345 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9345 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9345 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male to Mini UHF Female Adapter
Configuration
Connector 1
TNC Male
Impedance 1
50 Ohms
Connector 2
Mini UHF Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.218 [30.94]
Width/Dia., in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
Mini UHF Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-male-mini-uhf-female-straight-adapter-pe9345-p.aspx
TNC Male to Mini UHF Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
TNC Male to Mini UHF Female Adapter
PE9345
PE9345 REV


Similar Part No. - PE9345

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9345DV PLETRONICS-PE9345DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9345

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9064 PASTERNACK-PE9064 Datasheet
251Kb / 3P
N Male to Mini UHF Female Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9346 PASTERNACK-PE9346 Datasheet
103Kb / 1P
MINI-UHF MALE TO TNC FEMALE
PE9347 PASTERNACK-PE9347 Datasheet
243Kb / 2P
Mini UHF Male to Mini UHF Female Right Angle Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE91447 PASTERNACK-PE91447 Datasheet
623Kb / 3P
UHF Female to Mini UHF Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com