Electronic Components Datasheet Search
  English  ▼

X  

PE9352 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9352
Description  SSMA Female to N Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9352 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9352 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9352 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMA Female to N Male Adapter
Configuration
Connector 1
SSMA Female
Impedance 1
50 Ohms
Connector 2
N Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.212 [30.78]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
SSMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
N Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssma-female-n-male-straight-adapter-pe9352-p.aspx
SSMA Female to N Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SSMA Female to N Male Adapter
PE9352
PE9352 REV


Similar Part No. - PE9352

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
SSMA Male to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
SSMA Female to N Female Adapter
More results

Similar Description - PE9352

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
SSMA Female to N Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
SSMA Male to BNC Female Adapter
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9357 PASTERNACK-PE9357 Datasheet
254Kb / 3P
SSMA Male to SSMA Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com