Electronic Components Datasheet Search
  English  ▼

X  

PE9356 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9356
Description  Precision SSMA Female to 7mm Sexless Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9356 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9356 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9356 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9356 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SSMA Female to 7mm Sexless Adapter
Configuration
Connector 1
SSMA Female
Impedance 1
50 Ohms
Connector 2
7mm Sexless
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.38 [35.05]
Width/Dia., in [mm]
0.87 [22.1]
.
Connector 1
Type
SSMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
7mm Sexless
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Precision SSMA Female to 7mm Sexless Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SSMA Female to 7mm Sexless Adapter PE9356
PE9356
PE9356 REV


Similar Part No. - PE9356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
SSMA Male to N Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
More results

Similar Description - PE9356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
Precision 7mm Sexless to BNC Male Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
Precision 3.5mm Male to 7mm Sexless Adapter
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
SSMA MALE TO 7mm, PRECISION ADAPTER
PE9510 PASTERNACK-PE9510 Datasheet
245Kb / 2P
Precision 7/16 DIN Female to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com