Electronic Components Datasheet Search
  English  ▼

X  

PE9360 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9360
Description  N Female to HN Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9360 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9360 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9360 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to HN Female Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
HN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.76 [44.7]
Width/Dia., in [mm]
0.755 [19.18]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-hn-female-straight-adapter-pe9360-p.aspx
N Female to HN Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Female to HN Female Adapter
PE9360
PE9360 REV


Similar Part No. - PE9360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
More results

Similar Description - PE9360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com