Electronic Components Datasheet Search
  English  ▼

X  

PE9362 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9362
Description  75 Ohm BNC Female to BNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9362 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9362 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9362 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9362 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female to BNC Female Adapter
Configuration
Connector 1
BNC Female
Impedance 1
75 Ohms
Connector 2
BNC Female
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.285 [32.64]
Width/Dia., in [mm]
0.436 [11.07]
.
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
75 Ohm BNC Female to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female to BNC Female Adapter PE9362
PE9362
PE9362 REV


Similar Part No. - PE9362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
More results

Similar Description - PE9362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com