Electronic Components Datasheet Search
  English  ▼

X  

PE8005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8005
Description  Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8005 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
Configuration
Bias Type
Biased
Detector Polarity
Negative
Body Style
Straight
RF Input Connector
SMA Male
RF Input Impedance
50 Ohms
Video Output Connector
SMA Female
Electrical Specifications
Frequency Range, GHz
6 to 18
Voltage Sensitivity, mV/mW
1,600
Tangential Signal Sensitivity
-52
Flatness, dB
0.8
Maximum Input Power, Watts
23
Video Capacitance, pF
10
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Storage Range, deg C
-65 to +150
.
RF Input
Type
SMA Male
Hex Size, Inch
5/16
Video Output
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Biased Detector With 50 Ohm SMA Male to SMA Female
Video Out Operating From 6 GHz to 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to
18 GHz PE8005
PE8005
PE8005 REV


Similar Part No. - PE8005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
More results

Similar Description - PE8005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8008 PASTERNACK-PE8008 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8008-P PASTERNACK-PE8008-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8009 PASTERNACK-PE8009 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8007 PASTERNACK-PE8007 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 16 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com