Electronic Components Datasheet Search
  English  ▼

X  

PE9368 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9368
Description  75 Ohm N Female to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9368 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9368 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9368 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female to BNC Male Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector 2
BNC Male
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.495 [37.97]
Width/Dia., in [mm]
0.67 [17.02]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-bnc-male-straight-adapter-pe9368-p.aspx
75 Ohm N Female to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm N Female to BNC Male Adapter
PE9368
PE9368 REV


Similar Part No. - PE9368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
More results

Similar Description - PE9368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
75 Ohm N Male to BNC Female Adapter
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com