Electronic Components Datasheet Search
  English  ▼

X  

PE9372 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9372
Description  TNC Female to UHF Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9372 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9372 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9372 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9372 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female to UHF Male Adapter
Configuration
Connector 1
TNC Female
Impedance 1
50 Ohms
Connector 2
UHF Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +85
Size
Length, in [mm]
1.195 [30.35]
Width/Dia., in [mm]
0.7 [17.78]
.
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
UHF Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
TNC Female to UHF Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to UHF Male Adapter PE9372
PE9372
PE9372 REV


Similar Part No. - PE9372

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
More results

Similar Description - PE9372

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9345 PASTERNACK-PE9345 Datasheet
245Kb / 2P
TNC Male to Mini UHF Female Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9561 PASTERNACK-PE9561 Datasheet
342Kb / 3P
QD TNC Male to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com