Electronic Components Datasheet Search
  English  ▼

X  

PE9375 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9375
Description  BNC Twinax Tee Adapter Jack-Plug-Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9375 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9375 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9375 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9375 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Tee Adapter Jack-Plug-Jack
Configuration
Connector 1
BNC Twinax Jack
Impedance 1
78 Ohms
Connector 2
BNC Twinax Plug
Impedance 2
78 Ohms
Connector 3
BNC Twinax Jack
Adapter Design
Standard
Body Style
Straight
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.55 [13.97]
Height, in [mm]
1.03 [26.16]
.
Connector 1
Type
BNC Twinax Jack
Inner Conductor Material and Plating
Brass/Beryllium Copper, Gold
Inner Conductor Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
20µ-30µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Twinax Plug
Inner Conductor Material and Plating
Brass/Beryllium Copper, Gold
Inner Conductor Plating Specification
3µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
20µ-30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
20µ-30µ in. minimum
Dielectric Type
Teflon
Connector 3
Type
BNC Twinax Jack
Inner Conductor Material and Plating
Brass/Beryllium Copper, Gold
Inner Conductor Plating Specification
3µ in. minimum
BNC Twinax Tee Adapter Jack-Plug-Jack
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Tee Adapter Jack-Plug-Jack PE9375
PE9375
PE9375 REV


Similar Part No. - PE9375

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9373 PASTERNACK-PE9373 Datasheet
250Kb / 2P
Bulkhead 3/4 inch-20 Female to 3/4 inch-20 Female Adapter
More results

Similar Description - PE9375

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9377 PASTERNACK-PE9377 Datasheet
241Kb / 2P
BNC Twinax Plug to BNC Twinax Jack Right Angle Adapter
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
SMB Tee Adapter Jack-Jack-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
HN PLUG-JACK-JACK TEE ADAPTER
logo
Molex Electronics Ltd.
0731485003 MOLEX11-0731485003 Datasheet
29Kb / 1P
50 Ohms, BNC Tee, Jack/Plug/Jack
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
logo
Molex Electronics Ltd.
0731485003 MOLEX-0731485003_V01 Datasheet
31Kb / 1P
50 Ohms, BNC Tee, Jack/Plug/Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com