Electronic Components Datasheet Search
  English  ▼

X  

PE9387 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9387
Description  HN Female to GR874 Sexless Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9387 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9387 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9387 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9387 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
HN Female to GR874 Sexless Adapter
Configuration
Connector 1
HN Female
Impedance 1
50 Ohms
Connector 2
GR874 Sexless
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.86 [47.24]
Width/Dia., in [mm]
0.81 [20.57]
.
Connector 1
Type
HN Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
GR874 Sexless
Inner Conductor Material and Plating
Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
HN Female to GR874 Sexless Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Female to GR874 Sexless Adapter PE9387
PE9387
PE9387 REV


Similar Part No. - PE9387

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
More results

Similar Description - PE9387

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
GR874 Sexless to BNC Female Adapter
PE9257 PASTERNACK-PE9257 Datasheet
242Kb / 2P
N Male to GR874 Sexless Adapter
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
SMA Female to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
HN Male to GR874 Sexless Adapter
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
249Kb / 3P
Bulkhead HN Female to HN Female Adapter
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
SMA Male to GR874 Sexless Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com