Electronic Components Datasheet Search
  English  ▼

X  

PE8245 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8245
Description  50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8245 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8245 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8245 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8245 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase
of 60.00 Deg. Per GHz
Configuration
Design
Adjustable Phase Trimmer
Phase Adjustment, deg/GHz
60
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
SMA Female
Impedance 2
50 Ohms
Electrical Specifications
Frequency Range, GHz
DC to 8
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
0.6
Maximum Input Power, Watts
100
Peak Power, KWatts
3,000
Mechanical Specifications
Size
Length, in [mm]
6.9 [175.26]
Width/Dia., in [mm]
2 [50.8]
Height, in [mm]
1 [25.4]
.
Connector 1
Type
SMA Female
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Ad-
justable Phase of 60.00 Deg. Per GHz PE8245
PE8245
PE8245 REV
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From
DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz


Similar Part No. - PE8245

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
PE8242 PASTERNACK-PE8242 Datasheet
181Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results

Similar Description - PE8245

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8202 PASTERNACK-PE8202 Datasheet
203Kb / 3P
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com