Electronic Components Datasheet Search
  English  ▼

X  

AIMB-252 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-252
Description  Intel짰 Pentium짰 M/Celeron짰 M Socket 478 Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-252 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-252_12 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-252_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® socket 478 Pentium® M/Celeron® M Processor
ƒ Intel 910GMLE/915GME and ICH6M
ƒ Two DIMM sockets support up to 2 GB DDR2 400/533 MHz SDRAM
ƒ Supports 5 serial ports, 2 SATA, 8 USB and Dual LVDS display (optional)
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-252 Intel®Pentium®M/Celeron®MSocket478
Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
Specifications
Processor System
CPU (130/90 nm, µFC-PGA 478)
Intel Pentium M
Intel Celeron M
Intel ULV Celeron M
Intel ULV Celeron M
Max. Speed
760 2.0 GHz
370 1.5 GHz
600 MHz on board
1 GHz on board
Front Side Bus
400/533 MHz
400 MHz
400 MHz
400 MHz
L2 Cache
2 MB
1 MB
512 KB
-
Chipset
Intel 910GMLE*/915GME + ICH6M
BIOS
Award 4 Mbit, FWH
Expansion Slot
PCI
32-bit/33 MHz, 1 slot
Mini-PCI
-
PCIe
-
Memory
Technology
Dual channel DDR2 400/533 MHz SDRAM
Max. Capacity
2 GB
Socket
2 x 240-pin DIMM (Non-ECC)
Graphics
Controller
Intel 910GMLE/915GME GMCH integrated Graphics Media Accelerator 900
VRAM
Intel DVMT 3.0 supports up to 128 MB video memory
1st LVDS
Single channel 18-bit/Dual channel 36-bit LVDS
2nd LVDS (optional)
Single channel 18/24-bit/Dual channel 36/48-bit LVDS, via Chrontel 7308B SDVO transmitter
DVI
None
Dual Display
CRT + LVDS, LVDS + LVDS
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Realtek RTL8111C; GbE LAN2: Realtek RTL8111C
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
150 MB/s
Channel
2
EIDE
Mode
EIDE (Ultra DMA 100)
Channel
1
SSD
CompactFlash
Supports CompactFlash Type I/II
Rear I/O
CRT
1
Ethernet
1 (for VG version); 2 (for G2 version)
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-out, Line-in)
Serial
1 (RS-232/422/485)
Parallel
1
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
LVDS & Inverter
1
USB
4 (USB 2.0 compliant)
Serial
4 (RS-232)
IDE
1
SATA
2
CompactFlash
1
IrDA
-
DIO
16-bit GPIO
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
Intel 915GME and Pentium M 760 2.0 GHz FSB 533 MHz, 2 GB DDR2 SDRAM
+5 V
+3.3 V
+12 V
+5 VSB
2.61 A
0.71 A
1.93 A
0.59 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
* Intel 910GMLE only supports FSB 400 processor and DDR2 400 SDRAM
Utilities:
Software APIs:
H/W Monitor
SMBus
Monitoring
BIOS flash
Watchdog
GPIO
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - AIMB-252_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-252G2-00A1E ADVANTECH-AIMB-252G2-00A1E Datasheet
1Mb / 3P
Intel짰 Pentium짰 M/Celeron짰 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
09-Nov-2009
AIMB-252VG-M0A1E ADVANTECH-AIMB-252VG-M0A1E Datasheet
1Mb / 3P
Intel짰 Pentium짰 M/Celeron짰 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
09-Nov-2009
AIMB-252VG-S0A1E ADVANTECH-AIMB-252VG-S0A1E Datasheet
1Mb / 3P
Intel짰 Pentium짰 M/Celeron짰 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
09-Nov-2009
More results

Similar Description - AIMB-252_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-212 ADVANTECH-AIMB-212 Datasheet
883Kb / 2P
Intel짰 N450/D510 Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
20-Jan-2010
AIMB-240 ADVANTECH-AIMB-240 Datasheet
300Kb / 2P
Intel짰 Pentium짰 4 Processor-based Mini-ITX Motherboard with 6 COM and Dual LAN
AIMB-252 ADVANTECH-AIMB-252 Datasheet
1Mb / 3P
Intel짰 Pentium짰 M/Celeron짰 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
09-Nov-2009
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
GMB-910 ADVANTECH-GMB-910 Datasheet
1Mb / 2P
Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
AIMB-552 ADVANTECH-AIMB-552_10 Datasheet
1Mb / 3P
Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
logo
AAEON Technology
EMB-830 AAEON-EMB-830 Datasheet
988Kb / 1P
Socket 478-based Intel짰 Pentium짰 4/ Intel짰 Celeron짰
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com