Electronic Components Datasheet Search
  English  ▼

X  

APT1004RBN Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT1004RBN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1004RBN Datasheet(HTML) 4 Page - Advanced Power Technology

  APT1004RBN Datasheet HTML 1Page - Advanced Power Technology APT1004RBN Datasheet HTML 2Page - Advanced Power Technology APT1004RBN Datasheet HTML 3Page - Advanced Power Technology APT1004RBN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-247AD Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.140)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
Dimensions in Millimeters and (Inches)
2-Plcs.
APT1004R/1004R2BN
T =+25
°C
J
J
T =+150
°C
10
1
60
DC
100mS
10mS
1mS
100
µS
10
µS
0
8
4
12
16
20
20
2
1
5
10
10
100
1,000
10,000
Ciss
oss
C
Crss
100
50
0
10
20
30
40
50
0
.5
1.0
1.5
2.0
10
30
50
040
20
V
=100V
DS
DS
V
=200V
V
=500V
DS
1
5
10
50 100
1000
T =+25
°C
T =+150
°C
SINGLE PULSE
C
J
APT1004R/1004R2BN
OPERATION HERE
LIMITED BY R
(ON)
DS
APT1004R2BN
APT1004RBN
APT1004R2BN
APT1004RBN
I
D
= I
D
[Cont.]
.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com