Electronic Components Datasheet Search
  English  ▼

X  

PE2005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2005
Description  BNC FEMALE POWER DIVIDER FREQUENCY RANGE 2-500 MHz 12 OUTPUT PORTS, BNC FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2005 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE2005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE200 VISHAY-PE200 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Pasternack Enterprises,...
PE2000 PASTERNACK-PE2000 Datasheet
76Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-500 MHz 2 OUTPUT PORTS
PE2001 PASTERNACK-PE2001 Datasheet
105Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 2-500 MHz OUTPUT PORTS
PE2002 PASTERNACK-PE2002 Datasheet
107Kb / 1P
BNC FEMALE POWER DIVIDER FREQUNECNY RANGE: 2-500 MHz 8 OUTPUT PORTS
PE2003 PASTERNACK-PE2003 Datasheet
86Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 10-1000 MHz 2 OUTPUT PORTS
More results

Similar Description - PE2005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2000 PASTERNACK-PE2000 Datasheet
76Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-500 MHz 2 OUTPUT PORTS
PE2001 PASTERNACK-PE2001 Datasheet
105Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 2-500 MHz OUTPUT PORTS
PE2002 PASTERNACK-PE2002 Datasheet
107Kb / 1P
BNC FEMALE POWER DIVIDER FREQUNECNY RANGE: 2-500 MHz 8 OUTPUT PORTS
PE2003 PASTERNACK-PE2003 Datasheet
86Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 10-1000 MHz 2 OUTPUT PORTS
PE2004 PASTERNACK-PE2004 Datasheet
84Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE 10-1000 MHz 4 OUTPUT PORTS
PE2006 PASTERNACK-PE2006 Datasheet
105Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE: 1,75 MHz 6 OUTPUT PORTS
PE2007 PASTERNACK-PE2007 Datasheet
108Kb / 1P
BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-200 MHz 3 OUTPUT PORTS
PE2044 PASTERNACK-PE2044 Datasheet
103Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:2-500 MHz 2 OUTPUT PORTS
PE2049 PASTERNACK-PE2049 Datasheet
107Kb / 1P
75 OHM BNC FEMALE POWER DIVIDER FREQUENCY RANGE:2-500 MHz 4 OUTPUT PORTS
PE2062 PASTERNACK-PE2062 Datasheet
106Kb / 1P
75 OHM BNC FEMALE POWER DIVIDER FREQUENCY RANGE:10-1000 MHz 2 OUTPUT PORTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com