Electronic Components Datasheet Search
  English  ▼

X  

PE2015 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2015
Description  SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 4 OUTPUT PORTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2015 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2015 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE2015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE201 MACOM-PE201 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
PE201-60/5 MACOM-PE201-60/5 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Beijing Yaohuadechang E...
PE2010-M YHDC-PE2010-M Datasheet
627Kb / 1P
PE series PCB safety isolation transformer
logo
YAGEO Corporation
PE2010DKE070R001L YAGEO-PE2010DKE070R001L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE2010DKE070R1L YAGEO-PE2010DKE070R1L Datasheet
890Kb / 12P
CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PE2015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2012 PASTERNACK-PE2012 Datasheet
115Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:1-2 GHz 4 OUTPUT PORTS
PE2014 PASTERNACK-PE2014 Datasheet
85Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 2OUTPUT PORTS
PE2017 PASTERNACK-PE2017 Datasheet
81Kb / 1P
SMA FEMALE POWER DIVIDER,FREQUENCY RANGE:4-6 GHz, 2 OUTPUT PORTS
PE2018 PASTERNACK-PE2018 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 4-8 GHz 4 OUTPUT PORTS
PE2021 PASTERNACK-PE2021 Datasheet
110Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:7-12.4 GHz 4 OUTPUT PORTS
PE2024 PASTERNACK-PE2024 Datasheet
105Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 12*18 GHz 4 OUTPUT PORTS
PE2029 PASTERNACK-PE2029 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-18 GHz 4 OUTPUT PORTS
PE2030 PASTERNACK-PE2030 Datasheet
237Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:8-18 GHz 4 OUTPUT PORTS
PE2034 PASTERNACK-PE2034 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:2-4 GHz OUTPUT PORTS
PE2040 PASTERNACK-PE2040 Datasheet
81Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 4 OUTPUT PORTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com