Electronic Components Datasheet Search
  English  ▼

X  

APT1004R2KN Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT1004R2KN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1004R2KN Datasheet(HTML) 4 Page - Advanced Power Technology

  APT1004R2KN Datasheet HTML 1Page - Advanced Power Technology APT1004R2KN Datasheet HTML 2Page - Advanced Power Technology APT1004R2KN Datasheet HTML 3Page - Advanced Power Technology APT1004R2KN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
DS
V
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
SD
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
V
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Q , TOTAL GATE CHARGE (nC)
g
DS
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
Source
10.67 (.420)
9.65 (.380)
5.33 (.210)
4.83 (.190)
14.73 (.580)
12.70 (.500)
1.14 (.045) 3-Plcs.
0.51 (.020)
2.29 (.090)
2.79 (.110)
4.83 (.190)
3.56 (.140)
1.40 (.020)
0.51 (.055)
4.09 (.161) Dia.
3.53 (.139)
Dimensions in Millimeters and (Inches)
16.51 (.650)
14.22 (.560)
6.35 (.250)
MAX.
Gate
Drain
6.86 (.270)
5.84 (.230)
1.78 (.070) 3-Plcs.
1.14 (.045)
2.92 (.115)
2.03 (.080)
3.43 (.135)
2.54 (.100)
1.14 (.045)
0.30 (.012)
4.83 (.190)
5.33 (.210)
Drain
0
.5
1.0
1.5
2.0
0
10
20
30
40
50
100
TO-220AB Package Outline
0
8
4
12
16
20
10
µS
100
µS
100mS
10mS
1mS
DC
10
.1
1
60
1
5
10
50 100
1000
10
1,000
10,000
C
oss
C
iss
C
rss
T
J
= +150
°C
T
J
= +25
°C
V
DS
=500V
V
DS
=200V
V
DS
=100V
1
2
5
10
20
50
100
0
10
20
30
40
50
T
C
=+25
°C
T
J
=+150
°C
SINGLE PULSE
APT1004RKN
APT1004R2KN
APT1004R2KN
OPERATION HERE
LIMITED BY R
DS
(ON)
APT1004RKN
APT1004R/1004R2KN
I
D
= I
D
[Cont.]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com