Electronic Components Datasheet Search
  English  ▼

X  

PE9394 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9394
Description  SSMB Jack to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9394 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9394 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9394 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Jack to BNC Female Adapter
Configuration
Connector 1
SSMB Jack
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.202 [30.53]
Width/Dia., in [mm]
0.45 [11.43]
.
Connector 1
Type
SSMB Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssmb-jack-bnc-female-straight-adapter-pe9394-p.aspx
SSMB Jack to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SSMB Jack to BNC Female Adapter
PE9394
PE9394 REV


Similar Part No. - PE9394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9390 PASTERNACK-PE9390 Datasheet
252Kb / 3P
N Tee Adapter Male-Male-Male
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
SSMB Plug to BNC Female Adapter
More results

Similar Description - PE9394

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
SSMB Plug to BNC Female Adapter
PE9401 PASTERNACK-PE9401 Datasheet
240Kb / 2P
SMA Male to SSMB Jack Adapter
PE9402 PASTERNACK-PE9402 Datasheet
239Kb / 2P
SMA Female to SSMB Plug Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
MMCX Jack to BNC Female Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
FME Jack to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com