Electronic Components Datasheet Search
  English  ▼

X  

PE9397 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9397
Description  75 Ohm N Female to F Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9397 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9397 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9397 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9397 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female to F Male Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector 2
F Male
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 250
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +85
Size
Length, in [mm]
1.094 [27.79]
Width/Dia., in [mm]
0.669 [16.99]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
F Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
75 Ohm N Female to F Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Female to F Male Adapter PE9397
PE9397
PE9397 REV


Similar Part No. - PE9397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9390 PASTERNACK-PE9390 Datasheet
252Kb / 3P
N Tee Adapter Male-Male-Male
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
More results

Similar Description - PE9397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9737 PASTERNACK-PE9737 Datasheet
245Kb / 2P
Precision 75 Ohm N Male to F Female Adapter
PE9739 PASTERNACK-PE9739 Datasheet
246Kb / 3P
Precision 75 Ohm N Female to F Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com