Electronic Components Datasheet Search
  English  ▼

X  

PE9401 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9401
Description  SMA Male to SSMB Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9401 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9401 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9401 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SSMB Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SSMB Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.769 [19.53]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SSMB Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-ssmb-jack-straight-adapter-pe9401-p.aspx
SMA Male to SSMB Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to SSMB Jack Adapter
PE9401
PE9401 REV


Similar Part No. - PE9401

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9400 PASTERNACK-PE9400 Datasheet
250Kb / 2P
SMA Male to UHF Female Adapter
PE9402 PASTERNACK-PE9402 Datasheet
239Kb / 2P
SMA Female to SSMB Plug Adapter
PE9403 PASTERNACK-PE9403 Datasheet
244Kb / 2P
SC Male to SC Male Adapter
PE9404 PASTERNACK-PE9404 Datasheet
239Kb / 2P
SC Female to SC Female Adapter
PE9405 PASTERNACK-PE9405 Datasheet
243Kb / 3P
SC Male to SC Female Right Angle Adapter
More results

Similar Description - PE9401

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
PE9402 PASTERNACK-PE9402 Datasheet
239Kb / 2P
SMA Female to SSMB Plug Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9707 PASTERNACK-PE9707 Datasheet
253Kb / 2P
SMA Male to FME Jack Adapter
PE91007 PASTERNACK-PE91007 Datasheet
251Kb / 3P
SMA Male to UMCX Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com