Electronic Components Datasheet Search
  English  ▼

X  

PE9402 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9402
Description  SMA Female to SSMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9402 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9402 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SSMB Plug Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
SSMB Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.745 [18.92]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SSMB Plug
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-ssmb-plug-straight-adapter-pe9402-p.aspx
SMA Female to SSMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to SSMB Plug Adapter
PE9402
PE9402 REV


Similar Part No. - PE9402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9400 PASTERNACK-PE9400 Datasheet
250Kb / 2P
SMA Male to UHF Female Adapter
PE9401 PASTERNACK-PE9401 Datasheet
240Kb / 2P
SMA Male to SSMB Jack Adapter
PE9403 PASTERNACK-PE9403 Datasheet
244Kb / 2P
SC Male to SC Male Adapter
PE9404 PASTERNACK-PE9404 Datasheet
239Kb / 2P
SC Female to SC Female Adapter
PE9405 PASTERNACK-PE9405 Datasheet
243Kb / 3P
SC Male to SC Female Right Angle Adapter
More results

Similar Description - PE9402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9146 PASTERNACK-PE9146 Datasheet
232Kb / 2P
SMA Female to SMC Plug Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
SSMB Plug to BNC Female Adapter
PE9401 PASTERNACK-PE9401 Datasheet
240Kb / 2P
SMA Male to SSMB Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com