Electronic Components Datasheet Search
  English  ▼

X  

PE9405 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9405
Description  SC Male to SC Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9405 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9405 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9405 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9405 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SC Male to SC Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and Interna-
tional orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection
in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SC Male to SC Female Right Angle Adapter PE9405
URL: http://www.pasternack.com/sc-male-sc-female-right-angle-adapter-pe9405-p.aspx
SC Male to SC Female Right Angle Adapter
PE9405
PE9405 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com