Electronic Components Datasheet Search
  English  ▼

X  

PE9419 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9419
Description  LC Female to LC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9419 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9419 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9419 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
LC Female to LC Female Adapter
Configuration
Connector 1
LC Female
Impedance 1
50 Ohms
Connector 2
LC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
2.388 [60.66]
Width/Dia., in [mm]
1.5 [38.1]
.
Connector 1
Type
LC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
LC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/lc-female-lc-female-straight-adapter-pe9419-p.aspx
LC Female to LC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
LC Female to LC Female Adapter
PE9419
PE9419 REV


Similar Part No. - PE9419

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9411 PASTERNACK-PE9411 Datasheet
248Kb / 2P
SMA Male to 7/16 DIN Female Adapter
PE9412 PASTERNACK-PE9412 Datasheet
243Kb / 2P
SMA Female to 7/16 DIN Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
More results

Similar Description - PE9419

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
Adapter BNC Female To Female
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
LC Male to HN Female Adapter
PE9237 PASTERNACK-PE9237 Datasheet
245Kb / 2P
N Female to LC Male Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9299 PASTERNACK-PE9299 Datasheet
233Kb / 2P
N Male to LC Female Adapter
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
LC Male to LC Female Right Angle Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
LC Male to LC Male Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
ADAPTER BNC FEMALE TO FEMALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com