Electronic Components Datasheet Search
  English  ▼

X  

PE9420 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9420
Description  Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9420 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9420 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9420 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
Configuration
Connector 1
BNC Female
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Mechanical Specifications
Size
Length, in [mm]
2.282 [57.96]
Width/Dia., in [mm]
0.687 [17.45]
.
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-bnc-female-straight-adapter-pe9420-p.aspx
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Hermetically Sealed BNC Female to BNC Female
Bulkhead Adapter For 1 inch Max. Panel
PE9420
PE9420 REV


Similar Part No. - PE9420

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
PE9422 PASTERNACK-PE9422 Datasheet
244Kb / 2P
SMA Female to D-Sub Plug Adapter
PE9423 PASTERNACK-PE9423 Datasheet
73Kb / 1P
SMA FEMALE TO D SUBMINIA TURE RECEPTACLE
PE9424 PASTERNACK-PE9424 Datasheet
77Kb / 1P
SMA MALE TO D SUBMINIA TURE RECEPTACLE
PE9425 PASTERNACK-PE9425 Datasheet
76Kb / 1P
SMA MALE TO D SUBMINIA TURE PLUG
More results

Similar Description - PE9420

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4159 POMONA-4159 Datasheet
21Kb / 1P
BNC Bulkhead Receptacle, Female, Hermetically Sealed
logo
Pasternack Enterprises,...
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE9204 PASTERNACK-PE9204 Datasheet
244Kb / 2P
Bulkhead BNC Female to C Female Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com