Electronic Components Datasheet Search
  English  ▼

X  

PE9421 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9421
Description  UHF Female to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9421 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9421 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9421 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Female to BNC Female Adapter
Configuration
Connector 1
UHF Female
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.135 [28.83]
Width/Dia., in [mm]
0.67 [17.02]
.
Connector 1
Type
UHF Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-female-bnc-female-straight-adapter-pe9421-p.aspx
UHF Female to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
UHF Female to BNC Female Adapter
PE9421
PE9421 REV


Similar Part No. - PE9421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9420 PASTERNACK-PE9420 Datasheet
246Kb / 2P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE9422 PASTERNACK-PE9422 Datasheet
244Kb / 2P
SMA Female to D-Sub Plug Adapter
PE9423 PASTERNACK-PE9423 Datasheet
73Kb / 1P
SMA FEMALE TO D SUBMINIA TURE RECEPTACLE
PE9424 PASTERNACK-PE9424 Datasheet
77Kb / 1P
SMA MALE TO D SUBMINIA TURE RECEPTACLE
PE9425 PASTERNACK-PE9425 Datasheet
76Kb / 1P
SMA MALE TO D SUBMINIA TURE PLUG
More results

Similar Description - PE9421

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
3287 POMONA-3287 Datasheet
19Kb / 1P
Adapter UHF (Female) To BNC (Male)
logo
Pasternack Enterprises,...
PE9004 PASTERNACK-PE9004 Datasheet
235Kb / 2P
UHF Male to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
ADAPTER BNC FEMALE TO FEMALE
logo
Pasternack Enterprises,...
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
UHF Male to BNC Female Adapter
PE91329 PASTERNACK-PE91329 Datasheet
403Kb / 5P
UHF Female to BNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com