Electronic Components Datasheet Search
  English  ▼

X  

PE9422 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9422
Description  SMA Female to D-Sub Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9422 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9422 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to D-Sub Plug Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
D-Sub Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.864 [21.95]
Width/Dia., in [mm]
0.313 [7.95]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
D-Sub Plug
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-d-sub-plug-straight-adapter-pe9422-p.aspx
SMA Female to D-Sub Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to D-Sub Plug Adapter
PE9422
PE9422 REV


Similar Part No. - PE9422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9420 PASTERNACK-PE9420 Datasheet
246Kb / 2P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
PE9423 PASTERNACK-PE9423 Datasheet
73Kb / 1P
SMA FEMALE TO D SUBMINIA TURE RECEPTACLE
PE9424 PASTERNACK-PE9424 Datasheet
77Kb / 1P
SMA MALE TO D SUBMINIA TURE RECEPTACLE
PE9425 PASTERNACK-PE9425 Datasheet
76Kb / 1P
SMA MALE TO D SUBMINIA TURE PLUG
More results

Similar Description - PE9422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9142 PASTERNACK-PE9142 Datasheet
249Kb / 3P
SMA Female to SMB Plug Adapter
PE9146 PASTERNACK-PE9146 Datasheet
232Kb / 2P
SMA Female to SMC Plug Adapter
PE9402 PASTERNACK-PE9402 Datasheet
239Kb / 2P
SMA Female to SSMB Plug Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE91380 PASTERNACK-PE91380 Datasheet
364Kb / 4P
SMA Female to SSMC Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com