Electronic Components Datasheet Search
  English  ▼

X  

PE9427 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9427
Description  Precision N Male to N Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9427 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9427 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9427 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision N Male to N Male Adapter
Configuration
Connector 1
N Male
Connector 2
N Male
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.872 [47.55]
Width/Dia., in [mm]
0.8 [20.32]
.
Dielectric Type
Oxide-Noryl
Connector 1
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Connector 2
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-n-male-straight-adapter-pe9427-p.aspx
Precision N Male to N Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision N Male to N Male Adapter
PE9427
PE9427 REV


Similar Part No. - PE9427

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9420 PASTERNACK-PE9420 Datasheet
246Kb / 2P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
PE9422 PASTERNACK-PE9422 Datasheet
244Kb / 2P
SMA Female to D-Sub Plug Adapter
PE9423 PASTERNACK-PE9423 Datasheet
73Kb / 1P
SMA FEMALE TO D SUBMINIA TURE RECEPTACLE
PE9424 PASTERNACK-PE9424 Datasheet
77Kb / 1P
SMA MALE TO D SUBMINIA TURE RECEPTACLE
More results

Similar Description - PE9427

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9007 PASTERNACK-PE9007 Datasheet
252Kb / 3P
N Male to N Male Adapter
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
Precision N Male to N Female Adapter
PE9446 PASTERNACK-PE9446 Datasheet
251Kb / 2P
Precision N Male to TNC Male Adapter
PE9489 PASTERNACK-PE9489 Datasheet
253Kb / 2P
Precision N Male to BNC Male Adapter
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
logo
Mini-Circuits
NM-NM50-18 MINI-NM-NM50-18 Datasheet
183Kb / 2P
Adapter N-Male to N-Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com