Electronic Components Datasheet Search
  English  ▼

X  

PE9433 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9433
Description  Precision SMA Male to N Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9433 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9433 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9433 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to N Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
N Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.65 [41.91]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
SMA Male
Hex Size, in.
5/16
Connector 2
Type
N Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-n-female-straight-adapter-pe9433-p.aspx
Precision SMA Male to N Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision SMA Male to N Female Adapter
PE9433
PE9433 REV


Similar Part No. - PE9433

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302 Datasheet
170Kb / 5P
50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
PE94302 PEREGRINE-PE94302 Datasheet
311Kb / 6P
50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Peregrine Semiconductor...
PE94302-EK PEREGRINE-PE94302-EK Datasheet
170Kb / 5P
50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
More results

Similar Description - PE9433

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
Precision SMA Female to N Female Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9723 PASTERNACK-PE9723 Datasheet
253Kb / 3P
Precision SMA Male to 3.5mm Female Adapter
PE9726 PASTERNACK-PE9726 Datasheet
246Kb / 3P
Precision SMA Female to 1.85mm Male Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE91009 PASTERNACK-PE91009 Datasheet
245Kb / 3P
Precision SMA Female to 2.92mm Male Adapter
PE91337 PASTERNACK-PE91337 Datasheet
326Kb / 3P
Precision N Male to SMA Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com