Electronic Components Datasheet Search
  English  ▼

X  

PE9437 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9437
Description  Precision 2.92mm Male to 2.92mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9437 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9437 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9437 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9437 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.92mm Male to 2.92mm Female Adapter
Configuration
Connector 1
2.92mm Male
Impedance 1
50 Ohms
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Frequency 1
Frequency, GHz
DC to 18
VSWR
1.1:1
Frequency 2
Frequency, GHz
18 to 26.5
VSWR
1.15:1
Frequency 3
Frequency, GHz
26.5 to 40
VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.73 [18.54]
Width/Dia., in [mm]
0.313 [7.95]
.
Connector 1
Type
2.92mm Male
Hex Size, in.
5/16
Connector 2
Type
2.92mm Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision 2.92mm Male to 2.92mm Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.92mm Male to 2.92mm Female Adapter PE9437
PE9437
PE9437 REV


Similar Part No. - PE9437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302 Datasheet
170Kb / 5P
50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
PE94302 PEREGRINE-PE94302 Datasheet
311Kb / 6P
50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Peregrine Semiconductor...
PE94302-EK PEREGRINE-PE94302-EK Datasheet
170Kb / 5P
50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
More results

Similar Description - PE9437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
Precision 2.92mm Female to SSMA Male Adapter
PE91008 PASTERNACK-PE91008 Datasheet
247Kb / 3P
Precision SMA Male to 2.92mm Female Adapter
PE91009 PASTERNACK-PE91009 Datasheet
245Kb / 3P
Precision SMA Female to 2.92mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com