Electronic Components Datasheet Search
  English  ▼

X  

APT100S20B Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT100S20B
Description  HIGH VOLTAGE SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT100S20B Datasheet(HTML) 1 Page - Advanced Power Technology

  APT100S20B Datasheet HTML 1Page - Advanced Power Technology APT100S20B Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
1 - Cathode
2 - Anode
Back of Case - Cathode
APT100S20B
200V 120A
TO-247
1
2
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
PRODUCT BENEFITS
• Low Losses
• Low Noise Switching
• Cooler Operation
• Higher Reliability Systems
• Increased System Power
Density
PRODUCT FEATURES
• Ultrafast Recovery Times
• Soft Recovery Characteristics
• Popular TO-247 Package or
Surface Mount D3PAK Package
• Low Forward Voltage
• High Blocking Voltage
• Low Leakage Current
PRODUCT APPLICATIONS
• Parallel Diode
-Switchmode Power Supply
-Inverters
• Free Wheeling Diode
-Motor Controllers
-Converters
• Snubber Diode
• Uninterruptible Power Supply (UPS)
• 48 Volt Output Rectifiers
• High Speed Rectifiers
HIGH VOLTAGE SCHOTTKY DIODE
Symbol
V
F
I
RM
C
T
UNIT
Volts
mA
pF
MIN
TYP
MAX
.89
.95
1.06
.76
2
40
470
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 100A
I
F = 200A
I
F = 100A, TJ = 125°C
V
R = 200V
V
R = 200V, TJ = 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current 1 (T
C = 125°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty) 1
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature for 10 Sec.
Avalanche Energy (2A, 50mH)
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
T
J,TSTG
T
L
E
VAL
UNIT
Volts
Amps
°C
mJ
APT100S20B
200
120
318
1000
-55 to 150
300
100
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT100S20B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT100S20B MICROSEMI-APT100S20B Datasheet
196Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
APT100S20B MICROSEMI-APT100S20B Datasheet
1Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Inchange Semiconductor ...
APT100S20B ISC-APT100S20B Datasheet
243Kb / 2P
Schottky Diode
logo
Microsemi Corporation
APT100S20BG MICROSEMI-APT100S20BG Datasheet
1Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Inchange Semiconductor ...
APT100S20BG ISC-APT100S20BG Datasheet
308Kb / 2P
HIGH VOLTAGE SCHOTTKY DIODE
More results

Similar Description - APT100S20B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT100S20LCT MICROSEMI-APT100S20LCT Datasheet
201Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
logo
Microsemi Corporation
APT2X101S20J MICROSEMI-APT2X101S20J Datasheet
221Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
logo
Advanced Power Technolo...
APT30S20BG ADPOW-APT30S20BG Datasheet
1Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT60S20BG MICROSEMI-APT60S20BG Datasheet
2Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KG MICROSEMI-APT15S20KG Datasheet
127Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLD6263 CENTRAL-CMLD6263_15 Datasheet
511Kb / 3P
HIGH VOLTAGE SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com