Electronic Components Datasheet Search
  English  ▼

X  

PE9448 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9448
Description  Precision N Male to TNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9448 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9448 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9448 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9448 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision N Male to TNC Female Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
TNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.15:1
Maximum Insertion Loss, dB
0.21
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Size
Length, in [mm]
1.925 [48.9]
Width/Dia., in [mm]
0.75 [19.05]
.
Connector 1
Type
N Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in
3/4
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Connector 2
Type
TNC Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Precision N Male to TNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision N Male to TNC Female Adapter PE9448
PE9448
PE9448 REV


Similar Part No. - PE9448

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
Precision SMA Female to TNC Male Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
Precision SMA Male to TNC Female Adapter
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
More results

Similar Description - PE9448

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
Precision SMA Female to TNC Male Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
Precision SMA Male to TNC Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
Precision TNC Male to TNC Male Adapter
PE9446 PASTERNACK-PE9446 Datasheet
251Kb / 2P
Precision N Male to TNC Male Adapter
PE9447 PASTERNACK-PE9447 Datasheet
256Kb / 3P
Precision N Female to TNC Male Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9449 PASTERNACK-PE9449 Datasheet
232Kb / 2P
Precision N Female to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com