Electronic Components Datasheet Search
  English  ▼

X  

PE-C195 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-C195
Description  Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-C195 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-C195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
Jacket:
Material
PE
Diameter, in [mm]
0.195 [4.95]
Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Weight, lbs/ft [Kg/m]
0.022 [0.03]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket PE-C195
URL: http://www.pasternack.com/flexible-0.195-50-ohm-coax-cable-pe-jacket-pe-c195-p.aspx
PE-C195
PE-C195 REV
Low Loss Flexible RG58 Type Coax Cable
Double Shielded with Black PE Jacket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com