Electronic Components Datasheet Search
  English  ▼

X  

AX61222TP Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX61222TP
Description  PICMG SBC structure with 5 free slots for expansion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61222TP Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX61222TP Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61222TP Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
344
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Optional Items
Backplane Options
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS300-HRP
ATX 300WHRP
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12V @ 16A
-5V @ 0.5A
-12V @ 0.5A
+3.3V @ 18A
+5VSB @ 2A
100,000
hours
PS300-XP2
ATX 300W
(PFC)
Slide Switch
(115Vac/230Vac)
+5V @ 30/21.5A
+12V @ 15A
-12V @ 0.8A
+3.3V @ 15/28A
+5VSB @ 2A
-5V @ 0.3A
100,000
hours
PS400-
XP2
ATX 400W(PFC)
AC 90~264V
(Auto)
+5V @ 20A
+12V1 @ 16A
+12V2 @ 16A
-12 @ 0.5A
+3.3 @ 20A
+5VSB @ 2.5A
100,000
hours
PS500-
XP2
ATX 500W
(PFC)
AC 90~264V
(Auto)
+5V @ 24A
+12V @ 34A
+12V1 @ 17A
+12V2 @ 17A
-12 @ 0.8A
+3.3 @ 24A
+5VSB @ 2.5A
100,000
hours
PS400-
HRP
ATX 400W
HRP
(PFC)
AC 90~264V
(Auto)
+5V @ 35A
+12V @ 28A
-5V @ 0.5A
-12 @ 1.2A
+3.3 @ 25A
+5VSB @ 2A
100,000
hours
PS501-
HRP
ATX 500W
HRP
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12V @ 41A
-12 @ 0.8A
+3.3 @ 25A
+5VSB @ 3.5A
100,000
hours
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/6VP4
1/4/0/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB105-V1
0/3/1/1
Single
FAB205
0/5/0/1
Single
FAB210
0/2/3/1
Single
AX61222TP(AX61220TP)/300
With ATX 300W power sapply
AX61222TP(AX61220TP)/400
With ATX 400W power sapply
AX61222TP(AX61220TP)/500
With ATX 500W power sapply
*Specifications and certifications are based on options and may vary.
AX61220TP
ATX500W redundant power supply with PFC
ATX300W redundant power supply with PFC
ATX400W redundant power supply with PFC
PICMG 1.0
PICMG 1.3
427.40
481.40
88.9
463.01
450.00
92.00 (3x)
93.20
AX61222TP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com