Electronic Components Datasheet Search
  English  ▼

X  

PE2027 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2027
Description  SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 8*18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2027 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2027 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE2027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2020 ETC1-PE2020 Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
logo
Pasternack Enterprises,...
PE2020 PASTERNACK-PE2020 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:7-12.4 GHz 2 OUTPUT PORTS
logo
List of Unclassifed Man...
PE2020BE-70.0M-XXX ETC1-PE2020BE-70.0M-XXX Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
PE2020BF-70.0M-XXX ETC1-PE2020BF-70.0M-XXX Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
PE2020BV-70.0M-XXX ETC1-PE2020BV-70.0M-XXX Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
More results

Similar Description - PE2027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2011 PASTERNACK-PE2011 Datasheet
138Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 1-2 GHz OUTPUT PORTS
PE2014 PASTERNACK-PE2014 Datasheet
85Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 2OUTPUT PORTS
PE2018 PASTERNACK-PE2018 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 4-8 GHz 4 OUTPUT PORTS
PE2023 PASTERNACK-PE2023 Datasheet
105Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:12-18 GHz OUTPUT PORTS
PE2024 PASTERNACK-PE2024 Datasheet
105Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 12*18 GHz 4 OUTPUT PORTS
PE2029 PASTERNACK-PE2029 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-18 GHz 4 OUTPUT PORTS
PE2030 PASTERNACK-PE2030 Datasheet
237Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:8-18 GHz 4 OUTPUT PORTS
PE2043 PASTERNACK-PE2043 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:12-18 GHz
PE2068 PASTERNACK-PE2068 Datasheet
108Kb / 1P
SMA FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE8404 PASTERNACK-PE8404 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 8 TO 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com